Part Number Hot Search : 
68000 BD4932G 2SC4672 MUR860E MM5Z11V 2SK20 SSP7411P ST110056
Product Description
Full Text Search
 

To Download 74VCXR162245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VCXR162245
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
s s
3.6V TOLERANT INPUTS AND OUTPUTS HIGH SPEED IN BOTH A, B OUTPUTS: tPD = 3.4 ns (MAX.) at VCC = 3.0 to 3.6V tPD = 4.3 ns (MAX.) at VCC = 2.3 to 2.7V tPD = 5.7 ns (MAX.) at VCC = 1.8V SYMMETRICAL IMPEDANCE OUTPUTS: |IOH| = IOL = 12mA (MIN) at VCC = 3.0V |IOH| = IOL = 8mA (MIN) at VCC = 2.3V |IOH| = IOL = 4mA (MIN) at VCC = 1.8V POWER DOWN PROTECTION ON INPUTS AND OUTPUTS 26 SERIE RESISTORS IN BOTH A AND B PORT OUTPUTS OPERATING VOLTAGE RANGE: VCC(OPR) = 1.8V to 3.6V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES R162245 LATCH-UP PERFORMANCE EXCEEDS 300mA (JESD 17) ESD PERFORMANCE: HBM > 2000V (MIL STD 883 method 3015); MM > 200V
TSSOP
s
s
ORDER CODES
PACKAGE TSSOP TUBE T&R 74VCXR162245TTR
s
s
PIN CONNECTION
s
s
s
DESCRIPTION The 74VCXR162245 is a low voltage CMOS 16 BIT BUS TRANSCEIVER (3-STATE) fabricated with sub-micron silicon gate and five-layer metal wiring C2MOS technology. It is ideal for low power and very high speed 1.8 to 3.6V applications; it can be interfaced to 3.6V signal environment for both inputs and outputs. This IC is intended for two-way asynchronous communication between data buses; the direction of data transmission is determined by DIR input. The two enable inputs nG can be used to disable the device so that the buses are effectively isolated. The device circuits is including 26 series resistance in the A and B port outputs. These resistors permit to reduce line noise in high speed applications. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage. All floating bus terminals during High Z State must be held HIGH or LOW.
July 2003 1/13
74VCXR162245
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No 1 2, 3, 5, 6, 8, 9, 11, 12 13, 14, 16, 17, 19, 20, 22, 23 24 25 36, 35, 33, 32, 30, 29, 27, 26 47, 46, 44, 43, 41, 40, 38, 38 48 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 SYMBOL NAME AND FUNCTION
IEC LOGIC SYMBOLS
1DIR Directional Control 1B1 to 1B8 Data Inputs/Outputs 2B1 to 2B8 Data Inputs/Outputs 2DIR Directional Control 2G Output Enable Input 2A1 to 2A8 Data Inputs/Outputs 1A1 to 1A8 Data Inputs/Outputs 1G GND VCC Output Enable Input Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS G L L H DIR L H X FUNCTION A BUS B BUS OUTPUT Yn A=B B=A Z
OUTPUT INPUT INPUT OUTPUT Z Z
X : Don`t Care Z : High Impedance
2/13
74VCXR162245
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage (OFF State) DC Output Voltage (High or Low State) (note 1) DC Input Diode Current DC Output Diode Current (note 2) DC Output Current Parameter Value -0.5 to +4.6 -0.5 to +4.6 -0.5 to +4.6 -0.5 to VCC + 0.5 - 50 - 50 50 100 400 -65 to +150 300 Unit V V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current per Supply Pin Power Dissipation PD Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) IO absolute maximum rating must be observed 2) VO < GND, VO > VCC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO VO IOH, IOL IOH, IOL IOH, IOL Top dt/dv Supply Voltage Input Voltage Output Voltage (OFF State) Output Voltage (High or Low State) High or Low Level Output Current (VCC = 3.0 to 3.6V) High or Low Level Output Current (VCC = 2.3 to 2.7V) High or Low Level Output Current (VCC = 1.8V) Operating Temperature Input Rise and Fall Time (note 1) Parameter Value 1.8 to 3.6 -0.3 to 3.6 0 to 3.6 0 to VCC 12 8 4 -55 to 125 0 to 10 Unit V V V V mA mA mA C ns/V
1) VIN from 0.8V to 2V at VCC = 3.0V
3/13
74VCXR162245
DC SPECIFICATIONS (2.7V < VCC < 3.6V unless otherwise specified)
Test Condition Symbol Parameter VCC (V) -40 to 85 C Min. 2.0 2.7 to 3.6 0.8 2.7 to 3.6 2.7 3.0 VOL Low Level Output Voltage ( 2.7 to 3.6 2.7 3.0 II Ioff IOZ Input Leakage Current Power Off Leakage Current High Impedance Output Leakage Current Quiescent Supply Current ICC incr. per Input 2.7 to 3.6 0 2.7 to 3.6 IO=-100 A IO=-6 mA IO=-8 mA IO=-12 mA IO=100 A IO=6 mA IO=8 mA IO=12 mA VI = 0 to 3.6V VI or VO = 0 to 3.6V VI = VIH or VIL VO = 0 to 3.6V VI = VCC or GND VI or VO = VCC to 3.6V VIH = VCC - 0.6V VCC-0.2 2.2 2.4 2.2 0.2 0.4 0.5 0.8 5 10 10 20 20 750 VCC-0.2 2.2 2.4 2.2 0.2 0.4 0.5 0.8 5 10 10 20 20 750 A A A A A V V 0.8 Max. Value -55 to 125 C Min. 2.0 V Max. Unit
VIH VIL VOH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
ICC
2.7 to 3.6 2.7 to 3.6
ICC
4/13
74VCXR162245
DC SPECIFICATIONS (2.3V < VCC < 2.7V unless otherwise specified)
Test Condition Symbol Parameter VCC (V) -40 to 85 C Min. 1.6 2.3 to 2.7 0.7 2.3 to 2.7 2.3 VOL Low Level Output Voltage 2.3 to 2.7 2.3 II Ioff IOZ Input Leakage Current Power Off Leakage Current High Impedance Output Leakage Current Quiescent Supply Current 2.3 to 2.7 0 2.3 to 2.7 IO=-100 A IO=-4 mA IO=-6 mA IO=-8 mA IO=100 A IO=6 mA IO=8 mA VI = 0 to 3.6V VI or VO = 0 to 3.6V VI = VIH or VIL VO = 0 to 3.6V VI = VCC or GND 2.3 to 2.7 VI or VO = VCC to 3.6V VCC-0.2 2.0 1.8 1.7 0.2 0.4 0.6 5 10 10 20 20 VCC-0.2 2.0 1.8 1.7 0.2 0.4 0.6 5 10 10 20 20 A A A A V V 0.7 Max. Value -55 to 125 C Min. 1.6 V Max. Unit
VIH VIL VOH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
ICC
5/13
74VCXR162245
DC SPECIFICATIONS (1.8V < VCC < 2.3V unless otherwise specified)
Test Condition Symbol Parameter VCC (V) -40 to 85 C Min. 0.7 VCC 1.8 to 2.3 0.2 VCC IO=-100 A 1.8 IO=-4 mA IO=100 A 1.8 1.8 0 1.8 IO=4 mA VI = 0 to 3.6V VI or VO = 0 to 3.6V VI = VIH or VIL VO = 0 to 3.6V VI = VCC or GND VI or VO = VCC to 3.6V VCC-0.2 1.4 0.2 0.3 5 10 10 20 20 VCC-0.2 1.4 0.2 0.3 5 10 10 20 20 A V A A A V 0.2 VCC V Max. Value -55 to 125 C Min. 0.7 VCC Max. V Unit
VIH VIL VOH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage Input Leakage Current Power Off Leakage Current High Impedance Output Leakage Current Quiescent Supply Current
VOL
II Ioff IOZ
ICC
1.8
6/13
74VCXR162245
DYNAMIC SWITCHING CHARACTERISTICS (Ta = 25C, Input tr = tf = 2.0ns, CL = 30pF, RL = 500)
Test Condition Symbol Parameter VCC (V) 1.8 2.5 3.3 1.8 2.5 3.3 1.8 2.5 3.3 VIL = 0V VIH = VCC VIL = 0V VIH = VCC VIL = 0V VIH = VCC Value TA = 25 C Min. Typ. 0.15 0.25 0.35 -0.15 -0.25 -0.35 1.55 2.05 2.65 Max. V Unit
VOLP
Dynamic Peak Low Voltage Quiet Output (note 1, 3) Dynamic Valley Low Voltage Quiet Output (note 1, 3) Dynamic Valley High Voltage Quiet Output (note 2, 3)
VOLV
V
VOHV
V
1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the LOW state. 2) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the HIGH state. 3) Parameters guaranteed by design.
7/13
74VCXR162245
AC ELECTRICAL CHARACTERISTICS (CL = 30pF, RL = 500, Input tr = tf = 2.0ns)
Test Condition Symbol Parameter VCC (V) 1.8 2.3 to 2.7 3.0 to 3.6 1.8 2.3 to 2.7 3.0 to 3.6 1.8 2.3 to 2.7 3.0 to 3.6 1.8 2.3 to 2.7 3.0 to 3.6 -40 to 85 C Min. 1.5 1.0 0.8 1.5 1.0 0.8 1.5 1.0 0.8 Max. 5.7 4.3 3.4 7.6 5.7 4.2 5.7 4.8 4.1 0.5 0.5 0.5 Value -55 to 125 C Min. 1.5 1.0 0.8 1.5 1.0 0.8 1.5 1.0 0.8 Max. 6.5 5.0 4.0 8.6 6.5 4.9 6.4 5.5 4.8 0.5 0.5 0.5 ns Unit
tPLH tPHL
Propagation Delay Time Output Enable Time
tPZL tPZH
ns
tPLZ tPHZ
Output Disable Time
ns
tOSLH tOSHL Output To Output Skew Time (note1, 2)
ns
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|) 2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 1.8, 2.5 or 3.3 1.8, 2.5 or 3.3 1.8, 2.5 or 3.3 VIN = 0 or VCC VIN = 0 or VCC fIN = 10MHz VIN = 0 or VCC Value TA = 25 C Min. Typ. 4 8 28 Max. pF pF pF Unit
CIN COUT CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit)
8/13
74VCXR162245
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ (VCC = 3.0 to 3.6V) tPZL, tPLZ (VCC = 2.3 to 2.7V or 1.8V) tPZH, tPHZ
CL = 30 pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open 6V 2VCC GND
WAVEFORM SYMBOL VALUES
Symbol 3.0 to3.6V VIH VM VX VY 2.7V 1.5V VOL + 0.3V VOH - 0.3V VCC 2.3 to 2.7V VCC VCC/2 VOL + 0.15V VOH - 0.15V 1.8V VCC VCC/2 VOL + 0.15V VOH - 0.15V
9/13
74VCXR162245
WAVEFORM 1: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
10/13
74VCXR162245
TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.50 6.0 0.5 BSC 8 0.75 0 0.020 0.17 0.09 12.4 8.1 BSC 6.2 0.236 0.0197 BSC 8 0.030 0.05 0.9 0.27 0.20 12.6 0.0067 0.0035 0.488 0.318 BSC 0.244 TYP MAX. 1.2 0.15 0.002 0.035 0.011 0.0079 0.496 MIN. TYP. MAX. 0.047 0.006 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7065588C
11/13
74VCXR162245
Tape & Reel TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.7 13.1 1.5 3.9 11.9 12.8 20.2 60 30.4 8.9 13.3 1.7 4.1 12.1 0.343 0.516 0.059 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.350 0.524 0.067 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
12/13
74VCXR162245
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
13/13


▲Up To Search▲   

 
Price & Availability of 74VCXR162245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X